PART |
Description |
Maker |
IXFH9N80Q IXFT9N80Q |
HiPerFET Power MOSFETs Q-Class 9 A, 800 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268AA Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation] ETC[ETC]
|
IXFT32N50 IXFH32N50 IXFH30N50 IXFT30N50 |
N-Channel Enhancement Mode HiPerFET Power MOSFET(??ぇ婕???荤┛?靛?00V,瀵奸??甸?.16惟??娌??澧?己??iPerFET???MOSFET) Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS[IXYS Corporation]
|
IXFF24N100 IXYSCORP-IXFF24N100 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFETTM Power Mosfet in High Voltage ISOPLUS I4-PACTM
|
IXYS Corporation
|
IXFT66N20Q IXFH66N20Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Q-Class 66 A, 200 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs Q-Class 66 A, 200 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268AA
|
IXYS[IXYS Corporation] IXYS, Corp.
|
IXFN80N48 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Single Die MOSFET
|
IXYS Corporation
|
IXFH80N10 IXFT80N10 |
TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 80A I(D) | TO-247AD Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS Corporation
|
SPP80N03S2L-03 SPB80N03S2L-03 SPI80N03S2L-03 |
80 A, 30 V, 0.0038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB PLASTIC, TO-220, 3 PIN OptiMOS Power-Transistor 的OptiMOS功率晶体 Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 2.8mOhm, 80A, LL Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-220, RDSon = 3.1mOhm, 80A, LL 80 A; 30V; LL; 3,1 mOhm
|
INFINEON[Infineon Technologies AG]
|
IXFK44N50F IXFX44N50F |
HiPerRF Power MOSFETs F-Class MegaHertz Switching Single MOSFET Die 44 A, 500 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET FILM/M CAPACITANCE=4.7 VOLT=100 HiPerRF Power MOSFETs F-Class MegaHertz Switching Single MOSFET Die
|
IXYS, Corp. ETC[ETC] IXYS[IXYS Corporation]
|
BUZ900P BUZ901P |
N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 160V. N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 200V. N-Channel Power MOSFET For Audio Application(N沟道功率型MOS场效应管(用于音频电路)) N?CHANNEL POWER MOSFET
|
Magnatec Seme LAB
|
IXFH9N80 IXFH8N80 |
HiPerFET Power MOSFETs - N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电00V,导通电.1Ω的N沟道增强B>HiPerFET功率MOSFET) Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS[IXYS Corporation]
|
IRF6723M2DTR1P IRF6723M2DTR1PBF IRF6723M2DTRPBF IR |
15 A, 30 V, 0.0066 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Dual Common Drain Control MOSFETs for Multiphase DC-DC Converters Replaces Two Discrete MOSFETs
|
International Rectifier
|
|